PART |
Description |
Maker |
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
HER108 HER106 HER107 |
Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V) HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 1.0Amperes
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Chenyi Electronics
|
LTC3727EG LTC3727EUH-1 LTC3727EG-1 LTC3727 LTC3727 |
From old datasheet system High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
PHC025 |
High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
Illinois Capacitor, Inc.
|
MV5364X HLMP-1523 MV5464X_HLMP-15X3 HLMP1301 MV536 |
Yellow T-1 Solid State Lamp High Efficiency Red T-1 Solid State Lamp High Efficiency Green T-1 Solid State Lamp High Efficiency Red Diffused T-100 Solid State Lamp High Efficiency Green Diffused T-100 Solid State Lamp Yellow Diffused T-100 Solid State Lamp Standard Red T-1 Solid State Lamp GENERAL PURPOSE VISIBLE DOME-STYLE SERVSWITCH DVI KVM CABLE W/ QUAD HEAD VIDEO 6FT. DIFFUSED T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FDMQ8403 |
100V N-Channel PowerTrenchMOSFET GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor
|
L796BSRD L796BGD L796BID L796BSRB L796BSRC L796BSR |
The High Efficiency Red Source Color Devices T-3 SINGLE COLOR LED, HIGH EFFICIENCY RED, 8 mm
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|